Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download HYM324000GD-60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM 324000GD-50/-60
Preliminary Information
* *
4 0194 034 words by 32-bit organization Fast access and cycle time 50 ns access time 95 ns cycle time (-50 version) 60 ns access time 110 ns cycle time (-60 version) Fast page mode capability with 35 ns cycle time (-50 version) 40 ns cycle time (-60 version) Single + 3.3 V ( 0.3 V) supply Low power dissipation max. 1008 mW active (-50 version) max. 864 mW active (-60 version) LVCMOS - 1.8 mW standby TTL - 14.4 mW standby
*
* *
* * * * * * *
CAS-before-RAS refresh, RAS-only-refresh. Self Refresh 2 decoupling capacitors mounted on substrate All inputs, outputs and clock fully TTL compatible 72 pin, dual read-out, one bank, Small Outline DIMM Module Utilizes two 4M x 16 -DRAMs (HYB 3165160T) 4096 refresh cycles / 64 ms Gold contact pad
Semiconductor Group
181
11.94
HYM324000GD-50/-60 4M x 32 SO-DIMM
The HYM 324000GD -50/-60 is a 16 MByte DRAM module organized as 4 194 304 words by 32-bit in a 72-pin, dual read-out, small outline package comprising two HYB 3165160T 4M x 16 DRAMs in 500 mil wide TSOPII-54 - packages mounted together with two 0.2 F ceramic decoupling capacitors on a PC board. Each HYB 3165160T is described in the data sheet and is fully electrically tested and processed according to Siemens standard quality procedure prior to module assembly. After assembly onto the board, a further set of electrical tests is performed. The density and speed of the module can be detected by the use of presence detect pins. These modules are ideal for portable systems applications where high memory capacity is needed. Ordering Information Type HYM 324000GD -50 HYM 324000GD -60 Pin Names A0-A11 A0-A9 DQ0 - DQ31 RAS0, RAS2 CAS0 - CAS3 WE Vcc Vss PD1 - PD7 N.C. Row Address Input Column Address Inputs Data Input/Output Row Address Strobe Column Address Strobe Read / Write Input Power (+3.3 Volt) Ground Presence Detect Pins No Connection Ordering Code on request on request Package L-DIM-72-1 L-DIM-72-1 Descriptions 50 ns DRAM module 60 ns DRAM module
Presence-Detect and ID-pin Thruth Table *): Module HYM 324000GD -50 HYM 324000GD -60 PD1 NC NC PD2 NC NC PD3 VSS VSS PD4 NC NC PD5 VSS NC PD6 VSS NC PD7 NC NC
note: PD1 .. PD4 : configuration PD5 .. PD6 : speed PD7 : refresh mode (NC = normal refresh) *) according to JEDEC letter ballot JC-42.5-95 Item #646/651
Semiconductor Group
182
HYM324000GD-50/-60 4M x 32 SO-DIMM
Pin Configuration
PIN 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35
Name VSS DQ1 DQ3 DQ5 DQ7 PD1 A1 A3 A5 A10 DQ8 DQ10 DQ12 DQ14 A11 A8 NC DQ15
PIN 37 39 41 43 45 47 49 51 53 55 57 59 61 63 65 67 69 71
NAME DQ16 VSS CAS2 CAS1 NC WRITE DQ18 DQ20 DQ22 NC DQ25 DQ28 VCC DQ30 NC PD3 PD5 PD7
PIN 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36
NAME DQ0 DQ2 DQ4 DQ6 VCC A0 A2 A4 A6 NC DQ9 DQ11 DQ13 A7 VCC A9 RAS2 NC
PIN 38 40 42 44 46 48 50 52 54 56 58 60 62 64 66 68 70 72
NAME DQ17 CAS0 CAS3 RAS0 NC NC DQ19 DQ21 DQ23 DQ24 DQ26 DQ27 DQ29 DQ31 PD2 PD4 PD6 VSS Pin2 Pin1
Pin72
Pin71
Front Side RAS0 CAS0 CAS1
Back Side
RAS UCAS LCAS OE
I/O1-I/O8 I/O9-I/O16
DQ0-DQ7 DQ8-DQ15
D1 I/O1-I/O8 I/O9-I/O16 DQ16-DQ23 DQ24-DQ31
RAS2 CAS2 CAS3
RAS UCAS LCAS OE
D2
WE A0-A11 VCC VSS
D1,D2 D1,D2 C1,C2 D1,D2 Block Diagram
Semiconductor Group
183
HYM324000GD-50/-60 4M x 32 SO-DIMM
Absolute Maximum Ratings 1) Operating temperature range..............................................................................................0 to 70 C Storage temperature range.........................................................................................- 55 to 150 C Soldering temperature.............................................................................................................260 C Soldering time..............................................................................................................................10 s Input/output voltage..................................................................................-0.5 to min (Vcc+0.5,4.6) V Power supply voltage....................................................................................................-0.5V to 4.6 V Power dissipation......................................................................................................................1.0 W Data out current (short circuit)..................................................................................................50 mA
DC Characteristics TA = 0 to 70 C, VSS = 0 V, VCC = 3 V 0.3 V Parameter Input high voltage Input low voltage Output high voltage (LVTTL) Output H" level voltage (Iout = -2mA) Output low voltage (LVTTL) Output L"level voltage (Iout = +2mA) Output high voltage (LVCMOS) Output H" level voltage (Iout = -100uA) Ouput low voltage (LVCMOS) Output L" level voltage (Iout = +100uA) Input leakage current,any input
(0 V < Vin < Vcc , all other pins = 0 V
Symbol
Limit Values min. max. Vcc+0.3 0.8 - 0.4 2.0 - 0.3 2.4 -
Unit Note V V V V V V A A 6) 6) 2) 2)
VIH VIL VOH VOL VOH VOL II(L) IO(L) ICC1
-50 ns version -60 ns version
Vcc-0.2 - 10 - 10 0.2 10 10
Output leakage current
(DO is disabled, 0 V < Vout < Vcc )
Average Vcc supply current:
- -
280 240 4
mA mA mA
3) 4) 5)
(RAS, CAS, address cycling: tRC = tRC min.)
Standby Vcc supply current
(RAS=CAS= Vih)
ICC2
-
-
ICC3 Average Vcc supply current, during RAS-only refresh cycles: -50 ns version -60 ns version
(RAS cycling: CAS = VIH: tRC = tRC min.)
- -
280 240
mA mA
3) 5)
Semiconductor Group
184
HYM324000GD-50/-60 4M x 32 SO-DIMM
DC Characteristics (cont'd) TA = 0 to 70 C, VSS = 0 V, VCC = 3 V 0.3 V Parameter Symbol Limit Values min. max. 170 150 400 mA mA A 3) 4) 5) Unit Note
Average Vcc supply current,
during fast page mode: -50 ns version -60 ns version
ICC4
- -
(RAS = VIL, CAS, address cycling: tPC=tPC min.)
Standby Vcc supply current
(RAS=CAS= Vcc-0.2V)
ICC5
-
-
Average Vcc supply current, during CAS-before- ICC6 RAS refresh mode: -50 ns version -60 ns version
(RAS, CAS cycling: tRC = tRC min.)
- - -
280 240 400
mA mA A
3) 4)
Self Refresh Current
Average Power Supply Current during Self Refresh. (CBR cycle with tRAS>TRASSmin, CAS held low, WE = Vcc-0.2V, Address and Din=Vcc-0.2V or 0.2V)
ICC7
Semiconductor Group
185
HYM324000GD-50/-60 4M x 32 SO-DIMM
SO-DIMM PACKAGE OUTLINES
56.69 FRONT SIDE
2.6 max
17.78
E
1 44.45
71
R 2.0
7.62 8.255
25.40
1.0 +/- 0.1
2 R 2.0
72
BACK SIDE
1.0 note: mechanical key for supply voltage 5 V E = 6.35 3.3V E = 3.175
1.27 Preliminary Drawing L-DIM-72-1
Semiconductor Group
186


▲Up To Search▲   

 
Price & Availability of HYM324000GD-60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X